Part Number Hot Search : 
LC7232 D4SBS6 74LCX54 CAT51 CED6426 APC77165 82562G SL431
Product Description
Full Text Search
 

To Download 0830009503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0830009503 Active
commercial_microd 1.27mm (.050") Pitch Ulti-MateTM Commerical Micro D, Cable Receptacle Kit, 9|25|15 Circuits
Documents: Packaging Specification (PDF) Drawing (PDF)
RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series Application Component Type Overview Product Literature Order No Product Name Type I/O Connectors 83000 Wire-to-Board Receptacle commercial_microd USA-063 Commercial Micro-D N/A
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Lock to Mating Part Material - Plating Mating Material - Plating Termination Orientation PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG 1 1 500 Yes Gold Tin N/A N/A Reel No 0.050 In 1.27 mm 5 0.125 50 1.25 Yes N/A -55C to +70C Crimp or Compression 26, 28
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 83000Series Mates With 83611 , 83619 , 83612 , 83614 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638114800 T2 Terminator Die 0638522000 FineAdjustTM 0638622000 Applicator
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 3A Yes 350V
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-83000-005 SD-83000-002
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0830009503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X